Part Number Hot Search : 
CDA15 5225B SMS4003K 5225B DR623CT 1PMT4635 M8085AH 9X388
Product Description
Full Text Search
 

To Download RT9619 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RT9619/A
Synchronous-Rectified Buck MOSFET Drivers
General Description
The RT9619/A is a high frequency, dual MOSFET driver specifically designed to drive two power N-Channel MOSFETs in a synchronous-rectified buck converter topology. This driver combined with Richtek's series of Multi-Phase Buck PWM controller form a complete corevoltage regulator solution for advanced micro-processors. The RT9619/A drives both the lower/upper gate in a synchronous-rectifier bridge with 12V. This drive-voltage flexibility provides the advantage of optimizing applications involving trade-offs between switching losses and conduction losses. RT9619A has longer UGATE/LGATE deadtime which can drive the MOSFETs with large gate RC value, avoiding the shoot-through phenomenon. RT9619 is targeted to drive low gate RC MOSFETs and performs better efficiency. The output drivers in the RT9619/A can efficiently switch power MOSFETs at frequency up to 500kHz. Switching frequency above 500kHz has to take into account the thermal dissipation of SOP-8 package. RT9619/A is capable to drive a 3nF load with a 30ns rise time. RT9619/A implements bootstrapping on the upper gate with an external capacitor and an embedded diode. This reduces implementation complexity and allows the use of higher performance, cost effective N-Channel MOSFETs. Adaptive shoot-through protection is integrated to prevent both MOSFETs from conducting simultaneously.
Features
Drives Two N-Channel MOSFETs Adaptive Shoot-Through Protection Embedded Boot Strapped Diode Supports High Switching Frequency Fast Output Rise Time Small SOP-8 Package Tri-State Input for Bridge Shutdown Supply Under Voltage Protection Upper MOSFET Direct Shorted Protection RoHS Compliant and 100% Lead (Pb)-Free
Applications
Core Voltage Supplies for Desktop, Motherboard CPU High Frequency Low Profile DC-DC Converters High Current Low Voltage DC-DC Converters
Ordering Information
RT9619/A Package Type S : SOP-8 Operating Temperature Range P : Pb Free with Commercial Standard G : Green (Halogen Free with Commercial Standard) Long Dead Time Short Dead Time
Note : RichTek Pb-free and Green products are : RoHS compliant and compatible with the current requirements of IPC/JEDEC J-STD-020. Suitable for use in SnPb or Pb-free soldering processes. 100% matte tin (Sn) plating.
Pin Configurations
(TOP VIEW)
BOOT PWM NC VCC 2 3 4 8 7 6 5 UGATE PHASE PGND LGATE
SOP-8
DS9619/A-04 March 2007
www.richtek.com 1
www.richtek.com 2
L1 2.2uH VIN C9 10uF C2 1uF C10 1000uF C11 1000uF C12 1000uF C13 10uF C14 10uF
D1
RT9619/A
Typical Application Circuit
ATX_12V
C8 10uF
R2 1 1 BOOT R3 2.2 Q1 L2 1uH
+
ATX_12V UGATE C1 1uF RT9619/A 3 NC PWM LGATE PGND 6 5 R4 0 PWM 2 Q2 PHASE 7 R5 2.2 C3 3.3nF
R1 10 4 VCC 8
VCORE
+ + +
C4 2200uF
C5 2200uF
C6 10uF
C7 10uF
DS9619/A-04 March 2007
RT9619/A
Functional Pin Description
Pin No. 1 2 3 4 5 6 7 8 Pin Name BOOT PWM NC VCC LGATE PGND PHASE UGATE Pin Function Floating bootstrap supply pin for upper gate drive. Input PWM signal for controlling the driver. No Connection Pin. +12V Supply Voltage. Lower Gate Drive Output. Connected to gate of low-side power N-Channel MOSFET. Common Ground. Connected this pin to the source of the high-side MOSFET and the drain of the low-side MOSFET. Upper Gate Drive Output. Connected to gate of high-side power N-Channel MOSFET.
Function Block Diagram
VCC Internal 5V POR R PWM R Turn off Detect VCC Shoot-Through Protection LGATE PGND PHASE Tri-State Detect Shoot-Through Protection BOOT UGATE
Timing Diagram
PWM LGATE
tpdlLGATE 90% 2V tpdlUGATE
2V
90% 2V UGATE tpdhUGATE tpdhLGATE 2V
DS9619/A-04 March 2007
www.richtek.com 3
RT9619/A
Absolute Maximum Ratings
(Note 1) -0.3V to 15V -0.3V to 15V -0.3V to VCC + 15V -0.3V to 42V -5V to 15V -10V to 30V GND - 0.3V to VCC + 0.3V -2V to VCC + 0.3V VPHASE - 0.3V to VBOOT + 0.3V VPHASE - 2V to VBOOT + 0.3V GND - 0.3V to 7V 0.625W 160C/W 260C -40C to 150C 2kV 200V Supply Voltage, VCC ------------------------------------------------------------------------------------BOOT to PHASE ----------------------------------------------------------------------------------------BOOT to GND DC -----------------------------------------------------------------------------------------------------------< 200ns ----------------------------------------------------------------------------------------------------PHASE to GND DC -----------------------------------------------------------------------------------------------------------< 200ns ----------------------------------------------------------------------------------------------------LGATE DC -----------------------------------------------------------------------------------------------------------< 200ns ----------------------------------------------------------------------------------------------------UGATE -----------------------------------------------------------------------------------------------------< 200ns ----------------------------------------------------------------------------------------------------PWM Input Voltage -------------------------------------------------------------------------------------Power Dissipation, PD @ TA = 25C SOP-8 ------------------------------------------------------------------------------------------------------Package Thermal Resistance (Note 4) SOP-8, JA ------------------------------------------------------------------------------------------------Lead Temperature (Soldering, 10 sec.) -------------------------------------------------------------Storage Temperature Range --------------------------------------------------------------------------ESD Susceptibility (Note 2) HBM (Human Body Mode) ----------------------------------------------------------------------------MM (Machine Mode) -------------------------------------------------------------------------------------
Recommended Operating Conditions
(Note 3) Supply Voltage, VCC ------------------------------------------------------------------------------------- 12V 10% Junction Temperature Range --------------------------------------------------------------------------- 0C to 125C Ambient Temperature Range --------------------------------------------------------------------------- 0C to 70C
Electrical Characteristics
(Recommended Operating Conditions, TA = 25C unless otherwise specified)
Parameter VCC Supply Voltage Power Supply Voltage VCC Supply Current Power Supply Current Power-On Reset POR Threshold Hysteresis
Symbol
Test Conditions
Min
Typ
Max
Units
VCC IVCC VBOOT = 12V, PWM = 0V
7.3
--
13.5
V
--
1
2.5
mA
VVCCrth VVCChys
VCC Rising
5.5 --
6.4 2.2
7.3 --
V V
To be continued
www.richtek.com 4
DS9619/A-04 March 2007
RT9619/A
Parameter PWM Input Maximum Input Current PWM Floating Voltage PWM Rising Threshold PWM Falling Threshold Timing UGATE Rise Time UGATE Fall Time LGATE Rise Time LGATE Fall Time RT9619 RT9619A Propagation Delay RT9619/A tpdlUGATE tpdhLGATE tpdlLGATE Shutdown Window Output UGATE Drive Source UGATE Drive Sink LGATE Drive Source LGATE Drive Sink RUGATEsr RUGATEsk RLGATEsr RLGATEsk VBOOT - VPHASE = 12V VBOOT - VPHASE = 12V VCC = 12V VCC = 12V ----1.9 1.4 1.9 1.1 3 3 3 2.2 See Timing Diagram trUGATE tfUGATE trLGATE tfLGATE tpdhUGATE VCC = 12V, 3nF load VCC = 12V, 3nF load VCC = 12V, 3nF load VCC = 12V, 3nF load VBOOT - VPHASE = 12V See Timing Diagram ---------1.5 27 32 35 27 20 90 15 20 8 -35 45 45 38 -----3.2 V ns ns ns ns ns IPWM VPWMfl VPWMrth VPWMfth PWM = 0V or 5V VCC = 12V --3.2 1.1 300 2.4 3.6 1.3 --3.9 1.5 A V V V Symbol Test Conditions Min Typ Max Units
Note 1. Stresses listed as the above "Absolute Maximum Ratings" may cause permanent damage to the device. These are for stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may remain possibility to affect device reliability. Note 2. Devices are ESD sensitive. Handling precaution recommended. Note 3. The device is not guaranteed to function outside its operating conditions. Note 4. JA is measured in the natural convection at T A = 25C on a low effective thermal conductivity test board of JEDEC 51-3 thermal measurement standard.
DS9619/A-04 March 2007
www.richtek.com 5
RT9619/A
Typical Operating Characteristics
PWM to Drive Waveform
PWM (5V/Div) UGATE (20V/Div) LGATE (10V/Div) PHASE (10V/Div) Time (25ns/Div)
PWM to Drive Waveform
PWM (5V/Div) UGATE (20V/Div) LGATE (10V/Div) PHASE (10V/Div)
No Load
No Load
Time (25ns/Div)
Dead Time
Full Load Full Load
Dead Time
UGATE
UGATE
PHASE
PHASE
(5V/Div)
LGATE
(5V/Div)
LGATE
Time (20ns/Div)
Time (20ns/Div)
Dead Time
No Load No Load
Dead Time
UGATE
UGATE
PHASE
PHASE
(5V/Div)
LGATE
(5V/Div)
LGATE
Time (20ns/Div)
Time (20ns/Div)
www.richtek.com 6
DS9619/A-04 March 2007
RT9619/A
Short Pulse
IOUT = 119A to 24A
0.06 0.05
Internal Diode I-V Curve
UGATE LGATE PHASE
Current (A)
0.04 0.03 0.02 0.01 0.00
(5V/Div)
Time (20ns/Div)
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2
Voltage (V)
DS9619/A-04 March 2007
www.richtek.com 7
RT9619/A
Application Information
The RT9619/A is designed to drive both high side and low side N-Channel MOSFET through externally input PWM control signal. It has power-on protection function which held UGATE and LGATE low before VCC up across the rising threshold voltage. After the initialization, the PWM signal takes the control. The rising PWM signal first forces the LGATE signal turns low then UGATE signal is allowed to go high just after a non-overlapping time to avoid shootthrough current. The falling of PWM signal first forces UGATE to go low. When UGATE and PHASE signal reach a predetermined low level, LGATE signal is allowed to turn high. The PWM signal is acted as "High" if above the rising threshold and acted as "Low" if below the falling threshold. Any signal level enters and remains within the shutdown window is considered as "tri-state", the output drivers are disabled and both MOSFET gates are pulled and held low. If left the PWM signal floating, the pin will be kept around 2.4V by the internal divider and provide the PWM controller with a recognizable level. The RT9619/A typically operates at frequency of 200kHz to 500kHz. It shall be noted that to place a 1N4148 or schottky diode between the VCC and BOOT pin as shown in the typical application circuit for ligher efficiency. Non-overlap Control To prevent the overlap of the gate drives during the UGATE turn low and the LGATE turn high, the non-overlap circuit monitors the voltages at the PHASE node and high side gate drive (UGATE-PHASE). When the PWM input signal goes low, UGATE begins to turn low (after propagation delay). Before LGATE can turn high, the non-overlap protection circuit ensures that the monitored voltages have gone below 1.2V. Once the monitored voltages fall below 1.2V, LGATE begins to turn high. For short pulse condtion, if the PHASE pin had not gone high after LGATE turns low, the LGATE has to wait for 200ns before turn high. By waiting for the voltages of the PHASE pin and high side gate drive to fall below 1.2V, the non-overlap protection circuit ensures that UGATE is low before LGATE turns high.
Vg1 VPHASE +12V
Also to prevent the overlap of the gate drives during LGATE turn low and UGATE turn high, the non-overlap circuit monitors the LGATE voltage. When LGATE go below 1.2V, UGATE is allowed to go high. Driving Power MOSFETs The DC input impedance of the power MOSFET is extremely high. When Vgs at 12V (or 5V), the gate draws the current only few nano-amperes. Thus once the gate has been driven up to "ON" level, the current could be negligible. However, the capacitance at the gate to source terminal should be considered. It requires relatively large currents to drive the gate up and down 12V (or 5V) rapidly. It also required to switch drain current on and off with the required speed. The required gate drive currents are calculated as follows.
D1 d1 VIN Cgd1 Igs1 g1 Ig2 Igd2 g2 Igs2 Cgs2 s2 GND D2 Cgs1 Cgd2 d2 s1 L VOUT
Igd1 Ig1
t Vg2 12V
t
Figure 1. Equivalent Circuit and Associated Waveforms In Figure 1, the current Ig1 and Ig2 are required to move the gate up to 12V. The operation consists of charging Cgd and Cgs. Cgs1 and Cgs2 are the capacitances from gate to source of the high side and the low side power MOSFETs, respectively. In general data sheets, the Cgs is referred as "Ciss" which is the input capacitance. Cgd1 and Cgd2 are the capacitances from gate to drain of the high side and the
www.richtek.com 8
DS9619/A-04 March 2007
RT9619/A
low side power MOSFETs, respectively and referred to the data sheets as "Crss" the reverse transfer capacitance. For example, tr1 and tr2 are the rising time of the high side and the low side power MOSFETs respectively, the required current Igs1 and Igs2 are showed below :
,
the total current required from the gate driving source is Ig1 = Igs1 + Igd1 = (1.428 + 0.326) = 1.754 (A) Ig2 = Igs2 + Igd2 = (0.88 + 0.4) = 1.28 (A) (9) (10)
Igs1 = C gs1 Igs2 = C gs1
dVg1 C gs1 x 12 = dt t r1 dVg2 C gs1 x 12 = dt t r2
(1) (2)
By a similar calculation, we can also get the sink current required from the turned off MOSFET. Select the Bootstrap Capacitor Figure 2 shows part of the bootstrap circuit of RT9619/A. The VCB (the voltage difference between BOOT and PHASE on RT9619/A) provides a voltage to the gate of the high side power MOSFET. This supply needs to be ensured that the MOSFET can be driven. For this, the capacitance CB has to be selected properly. It is determined by following constraints.
VIN
Before driving the gate of the high side MOSFET up to 12V (or 5V), the low side MOSFET has to be off; and the high side MOSFET is turned off before the low side is turned on. From Figure 1, the body diode "D2" had been turned on before high side MOSFETs turned on.
Igd1 = C gd1 dV = C gd1 12V dt t r1
(3)
1N4148
Before the low side MOSFET is turned on, the Cgd2 have been charged to VIN. Thus, as Cgd2 reverses its polarity and g2 is charged up to 12V, the required current is
VCC BOOT UGATE CB + VCB -
Igd2 = Cgd2 dV = Cgd2 Vi + 12V dt t r2
(4)
VCC
PHASE
It is helpful to calculate these currents in a typical case. Assume a synchronous rectified buck converter, input voltage VIN = 12V, Vg1 = Vg2 = 12V. The high side MOSFET is PHB83N03LT whose Ciss = 1660pF, Crss = 380pF, and tr = 14ns. The low side MOSFET is PHB95N03LT whose Ciss = 2200pF, Crss = 500pF and tr = 30ns, from the equation (1) and (2) we can obtain Igs1 = 1660 x 10 x 12 = 1.428 (A) 14 x 10 -9
-12 -12 Igs2 = 2200 x 10 x 12 = 0.88 30 x 10 -9
LGATE PGND
Figure 2. Part of Bootstrap Circuit of RT9619/A In practice, a low value capacitor CB will lead the overcharging that could damage the IC. Therefore to minimize the risk of overcharging and reducing the ripple on VCB, the bootstrap capacitor should not be smaller than 0.1F, and the larger the better. In general design, using 1F can provide better performance. At least one low-ESR capacitor should be used to provide good local de-coupling. Here, to adopt either a ceramic or tantalum capacitor is suitable. Power Dissipation
(5) (6)
(A)
from equation. (3) and (4)
Igd1 = 380 x 10 -9x 12 = 0.326 (A) 14 x 10 Igd2 = 500 x 10
-12
-12
(7)
x (12 + 12)
-9
30 x 10
= 0.4
(A)
(8)
For not exceeding the maximum allowable power dissipation to drive the IC beyond the maximum recommended operating junction temperature of 125C, it is necessary to calculate power dissipation appro-priately.
DS9619/A-04 March 2007
www.richtek.com 9
RT9619/A
This dissipation is a function of switching frequency and total gate charge of the selected MOSFET. Figure 3 shows the power dissipation test circuit. CL and CU are the UGATE and LGATE load capacitors, respectively. The bootstrap capacitor value is 1F.
10 +12V BOOT VCC 1uF RT9619/A PHASE 2N7002 PWM VIN LGATE PGND 20 CL 3nF UGATE 2N7002 CU 3nF
1N4148
TJ = (160C/W x 100mW) + 25C = 41C where the ambient temperature is 25C.
(11)
CBOOT 1uF
+12V
The method to improve the thermal transfer is to increase the PCB copper area around the RT9619/A first. Then, adding a ground pad under IC to transfer the heat to the peripheral of the board. Over-Voltage Protection Function at Power-On An unique feature of the RT9619/A driver is the addition of over-voltage protection in the event of upper MOSFET direct shorted before power-on. The RT9619/Adetects the fault condition during initial start-up, the internal power-on OVP sense circuitry will rapidly drive the output lower MOSFET on before the multi-phase PWM controller takes control. Figure 5 shows the measured waveforms with the high side MOSFET directly shorted to 12V.
Figure 3. Test Circuit Figure 4 shows the power dissipation of the RT9619/A as a function of frequency and load capacitance. The value of the CU and CL are the same and the frequency is varied from 100kHz to 1MHz.
(2V/Div)
VCC
(2V/Div)
Power Dissipation vs. Frequency
1000 900
PHASE
CU=CL=3nF (2V/Div)
Power Dissipation (mW)
800 700 600 500 400 300 200 100 0 0 200 400 600 800 1000
LGATE
(2V/Div)
V CORE
CU=CL=2nF
Time (50ms/Div)
CU=CL=1nF
Figure 5. Waveforms at High Side MOSFET Shorted Please note that the VCC trigger point to RT9619/A is at 3V, and the clamped level on PHASE pin is at about 2.4V. Obviously since the PHASE pin voltage increases during initial start-up, the VCORE increases correspondingly, but it would quickly drop-off followed by LGATE and VCC decreased. Layout Consideration Figure 6 shows the schematic circuit of a two-phase synchronous buck converter to implement the RT9619/A. The converter operates from 5V to 12V of VIN.
Frequency (kHz)
Figure 4. Power Dissipation vs. Frequency The operating junction temperature can be calculated from the power dissipation curves (Figure 4). Assume VCC=12V, operating frequency is 200kHz and the CU=CL=1nF which emulate the input capacitances of the high side and low side power MOSFETs. From Figure 4, the power dissipation is 100mW. For RT9619/A, the package thermal resistance JA is 160C/W, the operating junction temperature is calculated as :
www.richtek.com 10
DS9619/A-04 March 2007
RT9619/A
L1 VIN 12V 1.2uH C1 1000uF Q1 L2 VCORE
+ +
D1 C2 1uF CB 1uF 8 7 2uH Q2
PHB83N03LT
R1 4 VCC C4 10 1uF 12V
1 BOOT
UGATE PHASE
C3 1500uF
PHB95N03LT
5
RT9619/A
VIN
2
PWM
LGATE
PGND
6
Figure 6. Two-Phase Synchronous Buck Converter Circuit When layout the PCB, it should be very careful. The powercircuit section is the most critical one. If not configured properly, it will generate a large amount of EMI. The junction of Q1, Q2, L2 should be very close. Next, the trace from UGATE, and LGATE should also be short to decrease the noise of the driver output signals. PHASE signals from the junction of the power MOSFET, carrying the large gate drive current pulses, should be as heavy as the gate drive trace. The bypass capacitor C4 should be connected to PGND directly. Furthermore, the bootstrap capacitors (CB) should always be placed as close to the pins of the IC as possible.
DS9619/A-04 March 2007
www.richtek.com 11
RT9619/A
Outline Dimension
A
H M
J
B
F
C I D
Dimensions In Millimeters Symbol Min A B C D F H I J M 4.801 3.810 1.346 0.330 1.194 0.170 0.050 5.791 0.400 Max 5.004 3.988 1.753 0.508 1.346 0.254 0.254 6.200 1.270
Dimensions In Inches Min 0.189 0.150 0.053 0.013 0.047 0.007 0.002 0.228 0.016 Max 0.197 0.157 0.069 0.020 0.053 0.010 0.010 0.244 0.050
8-Lead SOP Plastic Package
Richtek Technology Corporation
Headquarter 5F, No. 20, Taiyuen Street, Chupei City Hsinchu, Taiwan, R.O.C. Tel: (8863)5526789 Fax: (8863)5526611
Richtek Technology Corporation
Taipei Office (Marketing) 8F, No. 137, Lane 235, Paochiao Road, Hsintien City Taipei County, Taiwan, R.O.C. Tel: (8862)89191466 Fax: (8862)89191465 Email: marketing@richtek.com
www.richtek.com 12
DS9619/A-04 March 2007


▲Up To Search▲   

 
Price & Availability of RT9619

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X